Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0V20NNFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # NC12S0A0V20NNFA
Description  Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V20NNFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button NC12S0A0V20NNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0V20NNFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS_NC12S20A_12092010
8
FEATURES DESCRIPTIONS
Input Under-Voltage Lockout
The input under-voltage lockout prevents the converter
from being damaged while operating when the input
voltage is too low. The lockout occurs between 7.0V to
8.0V.
Over-Current and Short-Circuit Protection
The NC series modules have non-latching over-current
and short-circuit protection circuitry. When over current
condition occurs, the module goes into the non-latching
hiccup mode. When the over-current condition is
removed, the module will resume normal operation.
An over current condition is detected by measuring the
voltage drop across the high-side MOSFET. The voltage
drop across the MOSFET is also a function of the
MOSFET’s Rds(on). Rds(on) is affected by temperature,
therefore ambient temperature will affect the current limit
inception point. Please see the electrical characteristics
for details of the OCP function.
The detection of the Rds(on) of the high side MOSFET
also acts as an over temperature protection since high
temperature will cause the Rds(on) of the MOSFET to
increase, eventually triggering over-current protection.
Output Voltage Programming
The output voltage of the NC series is trimmable by
connecting an external resistor between the trim pin and
output ground as shown Figure 27 and the typical trim
resistor values are shown in Figure 28. The output can
also be set by an external voltage connected to trim pin
as shown in Figure 29.
NC6A/15A/20A
Rs
Vout
Ground
Trim
Enable
Ground
Vin
Figure 27: Trimming Output Voltage
The NC15A/20A module has a trim range of 0.9V to
5.0V. The trim resistor equation for the NC6A/NC15A/
NC20A is :
9
.
0
1170
)
(
=
Vout
Rs
Vout is the output voltage setpoint
Rs is the resistance between Trim and Ground
Rs values should not be less than 280Ω
Output Voltage
Rs (Ω)
+0.9 V
OPEN
+1.2 V
3.92K
+1.5 V
1.96K
+1.8 V
1.3K
+2.5 V
732
+3.3 V
487
+5.0 V
287
Figure 28: Typical trim resistor values
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
1.3K
Rt
Rs
Vt
Figure 29: Output voltage trim with voltage source
To use voltage trim, the trim equation for the
NC6A/NC15A/ NC20A is (please refer to Fig. 29) :
)
9
.
0
(
17
.
1
)
17
.
1
3
.
1
(
)
(
=
Vout
Rs
Vt
Rs
k
Rt
Vout is the desired output voltage
Vt is the external trim voltage
Rs is the resistance between Trim and Ground (in KΩ)
Rt is the resistor to be defined with the trim voltage (in KΩ)
Below is an example about using this voltage trim
equation :
Example:
If Vt = 1.25V, desired Vout = 2.5V and Rs = 0.715KΩ
=
=
K
Vout
Rs
Vt
Rs
K
Rt
51
.
12
)
9
.
0
(
17
.
1
)
17
.
1
3
.
1
(
)
(


Similar Part No. - NC12S0A0V20NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V20NNFA DELTA-NC12S0A0V20NNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
More results

Similar Description - NC12S0A0V20NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com