Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0H15PRFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # NC12S0A0H15PRFA
Description  Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0H15PRFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button NC12S0A0H15PRFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 12Page - Delta Electronics, Inc. NC12S0A0H15PRFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NC12S15A_01102008
9
FEATURES DESCRIPTIONS (CON.)
Output Capacitance
There is no output capacitor on the NC series modules.
Hence, an external output capacitor is required for stable
operation. For NC15 modules, an external 6.3V/680μF
low ESR capacitor (for example, OSCON) is required for
stable operation.
Power Good
The converter provides an open collector signal called
Power Good. This output pin uses positive logic and is
open collector. This power good output is able to sink
5mA and set high when the output is within ±10% of
output set point.
It is important to places these low ESR capacitors as
close to the load as possible in order to get improved
dynamic response and better voltage regulation,
especially when the load current is large. Several of these
low ESR capacitors could be used together to further
lower the ESR.
The power good signal is pulled low when output is not
within ±10% of Vout or Enable is OFF.
Current Sink Capability
Please refer to individual datasheet for the maximum
allowed start-up load capacitance for each NC series as it
is varied between series.
The NC series converters are able to sink current as well
as function as a current source. It is able to sink the full
output current at any output voltage up to and including
2.5V. This feature allows the NC series fit into any
voltage termination application.
Reflected Ripple Current and Output Ripple and
Noise Measurement
The measurement set-up outlined in Figure 31 has been
used for both input reflected/ terminal ripple current and
output voltage ripple and noise measurements on NC
series converters.
Voltage Margining Adjustment
Output voltage margin adjusting can be implemented in
the NC modules by connecting a resistor, Rmargin-up, from
the Trim pin to the Ground for for margining up the output
voltage. Also, the output voltage can be adjusted lower
by connecting a resistor, Rmargin-down, from the Trim pin to
the voltage source Vt. Figure 30 shows the circuit
configuration for output voltage margining adjustment.
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
Rmargin-down
Rs
Vt
Rmargin-up
Cs=270μF*1, Ltest=1.4μH, Cin=270μF*1, Cout=680μF *1
Figure 31:
Input reflected ripple/ capacitor ripple current and
output voltage ripple and noise measurement setup for NC15
Figure 30:
Circuit configuration for output voltage margining
Paralleling
NC06/NC15/NC20 converters do not have built-in current
sharing (paralleling) ability. Hence, paralleling of multiple
NC06/NC15/NC20 converters is not recommended.


Similar Part No. - NC12S0A0H15PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H15PRFA DELTA-NC12S0A0H15PRFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results

Similar Description - NC12S0A0H15PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V20PNFA DELTA-NC12S0A0V20PNFA Datasheet
714Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com