Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0V40PNFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # NC12S0A0V40PNFA
Description  Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V40PNFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  NC12S0A0V40PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V40PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS_NC12S40A_05282008
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
0
10
20
30
40
50
60
70
80
90
100
0
3
5
8 11 13 16 19 21 24 27 29 32 35 37 40
Output Current (A)
10.2
12
13.8
Figure 7:
Converter efficiency vs. output current
(5V output voltage)
Figure 8:
Output ripple & noise at 12Vin, 0.9V/40A out
Figure 9:
Output ripple & noise at 12Vin, 1.2V/40A out
Figure 10:
Output ripple & noise at 12Vin, 1.5V/40A out
Figure 11:
Output ripple & noise at 12Vin, 1.8V/40A out
Figure 12:
Output ripple & noise at 12Vin, 2.5V/40A out


Similar Part No. - NC12S0A0V40PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
993Kb / 14P
   No minimum load required
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
More results

Similar Description - NC12S0A0V40PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com