Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0H30PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # NC12S0A0H30PNFA
Description  Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0H30PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  NC12S0A0H30PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0H30PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
DS_NC12S30A_09072008
FEATURES
High efficiency:
94% @ 12Vin, 5V/30A out
Voltage and resistor-based trim
No minimum load required
Output voltage programmable from
0.9Vdc to 5.0Vdc via external resistors
Fixed frequency operation
Input UVLO, output OVP, OTP, OCP, SCP
Remote ON/OFF (default: positive)
Power good output signal
Output voltage sense
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Vertical or horizontal versions
Negative On/Off logic
Delphi NC30 Series Non-Isolated Point of Load
DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
The Delphi NC30 Series, 12V input, single output, non-isolated point of
load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics,
Inc. The NC30 series operates from a 12V nominal input, provides up
to 30A of power in a vertical or horizontal mounted through-hole
package and the output can be resistor- or voltage-trimmed from
0.9Vdc to 5.0Vdc. NC30 series has built-in current sharing control and
multiple NC30/NC40 series modules could be paralleled together to
provide even higher output currents. NC30 series provides a very cost
effective point of load solution. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions.


Similar Part No. - NC12S0A0H30PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
More results

Similar Description - NC12S0A0H30PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com