Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H48SA53010NNFH Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # H48SA53010NNFH
Description  Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA53010NNFH Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button H48SA53010NNFH Datasheet HTML 2Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 3Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 4Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 5Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 6Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 7Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 8Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 9Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS_H48SA53010_08042011
6
ELECTRICAL CHARACTERISTICS CURVES
0
10
20
30
40
50
60
02
4
6
8
10
12
Output Current (A)
51
51. 5
52
52. 5
53
53. 5
54
37
37. 5
38
38. 5
39
39. 5
40
Input vol t age(V)
Figure 13: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
Figure 14: Output voltage VS low line input voltage at full load


Similar Part No. - H48SA53010NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA53010NNFH DELTA-H48SA53010NNFH Datasheet
1Mb / 13P
   Industry standard pin out
More results

Similar Description - H48SA53010NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com