Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR1R825NNFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # E48SR1R825NNFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR1R825NNFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  E48SR1R825NNFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS_E48SR1R825_10182013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted)
PARAMETER
NOTES and CONDITIONS
E48SR1R825 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
75
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to fig. 21 for the measuring point
-40
107
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33
34
35
Vdc
Turn-Off Voltage Threshold
31
32
33
Vdc
Lockout Hysteresis Voltage
1.5
2
2.5
Vdc
Input Over-Voltage Lockout
Turn-Off Voltage Threshold
100
105
107
Vdc
Turn-On Voltage Threshold
97
102
104
Vdc
Maximum Input Current
100% Load, 36Vin
1.5
A
No-Load Input Current
40
mA
Off Converter Input Current
4
mA
Inrush Current (I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
15
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
1.773
1.8
1.827
Vdc
Output Voltage Regulation
Over Load
Io=Io, min to Io, max
±3
±10
mV
Over Line
Vin=36V to 75V
±3
±10
mV
Over Temperature
Tc=-40°C to 85°C
±15
mV
Total Output Voltage Range
Over sample load, line and temperature
1.764
1.836
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
40
75
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
12
25
mV
Operating Output Current Range
0
25
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
150
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
80
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
80
mV
Settling Time (within 1% Vout nominal)
150
us
Turn-On Transient
Start-Up Time, From On/Off Control
7.5
ms
Start-Up Time, From Input
7.5
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
15000
µF
EFFICIENCY
100% Load
90.5
%
60% Load
90
%
ISOLATION CHARACTERISTICS
Input to Output
1500
Vdc
Isolation Resistance
10
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
350
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0.7
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
2
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0.7
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
2
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-10%
10%
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
2.2
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Tc=40°C
4.54
M hours
Weight
19.6
grams
Over-Temperature Shutdown
Average PCB Temperature
119
°C


Similar Part No. - E48SR1R825NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R825NNFA DELTA-E48SR1R825NNFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR1R825NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com