Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR12007NRFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # E48SR12007NRFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR12007NRFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button E48SR12007NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SR12007NRFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS_E48SR1R825_10182013
9
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut down
again. This restart trial will continue until the overload
condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-voltage
set point, the module will shut down (Hiccup mode).
The modules will try to restart after shutdown. If the fault
condition still exists, the module will shut down again.
This restart trial will continue until the fault condition is
corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down.
The module will try to restart after shutdown. If the
over-temperature condition still exists during restart, the
module will shut down again. This restart trial will
continue until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 16: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins
and the output terminals must not exceed the output
voltage sense range given here:
[Vo(+)
– Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact andDistribution
Losses
Figure 17: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(
–) to Vo(–) at the module.
The output voltage can be increased by both the
remote sense and the trim; however, the maximum
increase is the larger of either the remote sense or the
trim, not the sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power does not exceed the maximum rated
power.


Similar Part No. - E48SR12007NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR12007NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com