Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR1R525NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # E48SR1R525NRFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR1R525NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button E48SR1R525NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 13Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 14Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS_E48SR1R825_10182013
11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 20: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. The hottest point temperature of the module is
+107°C.To enhance system reliability, the power module
should always be operated below the maximum operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.
THERMAL CURVES
Figure 21: Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 107
E48SR1R825(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
0
5
10
15
20
25
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
Figure 22: Output current vs. ambient temperature and air
velocity@Vin=48V(Transverse Orientation)


Similar Part No. - E48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com