Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3916DPTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3916DPTRG4
Description  SCSI Termpower Manager
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3916DPTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3916DPTRG4 Datasheet HTML 1Page - Texas Instruments UCC3916DPTRG4 Datasheet HTML 2Page - Texas Instruments UCC3916DPTRG4 Datasheet HTML 3Page - Texas Instruments UCC3916DPTRG4 Datasheet HTML 4Page - Texas Instruments UCC3916DPTRG4 Datasheet HTML 5Page - Texas Instruments UCC3916DPTRG4 Datasheet HTML 6Page - Texas Instruments UCC3916DPTRG4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
UCC3916
PIN DESCRIPTIONS
CT: A capacitor is applied between this pin and ground to
set the maximum fault time. The maximum fault time
must be more than the time to charge external capaci-
tance. The maximum fault time is defined as:
TFAULT= 28 • 10
3 • CT.
Once the fault time is reached the output will shutdown
for a time given by:
TSD = 1 • 10
6 • CT
this results in a 3% duty cycle. 0.1
µF is recommended
for SCSI applications to achieve the normal maximum
capacitance on the Termpwr line.
SHTDWN: The IC enters a low-power sleep mode when
this pin is low and exits the sleep mode when this pin is
high.
VIN: Input voltage to the circuit breaker, ranging from 4V
to 6V.
VOUT: Output voltage of the circuit breaker. When
switched, the output voltage is approximately:
VOUT = VIN – (220m
Ω) • IOUT.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410
FAX (603) 424-3460
5
1
8
4
2
3
6
7
UCC3916
VIN
SHTDWN
GND
GND
GND
GND
CT
OUTPUT
C
T
C
LOAD
C
IN
V
IN
TERMPOWER
BUS
D1
TYPICAL APPLICATION
UDG-99169
Protecting The UCC3916 From Voltage Transients
The parasitic inductance associated with the power dis-
tribution can cause a voltage spike at VIN if the load cur-
rent is suddenly interrupted by the UCC3916.
It is
important to limit the peak of this spike to less than 6V to
prevent damage to the UCC3916. This voltage spike can
be minimized by:
• Reducing the power distribution inductance (e.g., twist
the positive (+) and negative (–) leads of the power
supply feeding VIN pin, locate the power supply close
to the UCC3916 or use a PCB ground plane).
• Decoupling VIN with a capacitor, CIN, located close to
the VIN. This capacitor is typically less than 1µF to limit
the inrush current.
• Clamping the voltage at VIN below 6V with a Zener
diode, D1, located close to the VIN pin.
SAFETY RECOMMENDATIONS
Although the UCC3916 is designed to provide system
protection for all fault conditions, all integrated circuits
can ultimately fail short. For this reason, if the UCC3916
is intended for use in safety critical applications where
UL
© or some other safety rating is required, a redundant
safety device such as a fuse should be placed in series
with the device. The UCC3916 will prevent the fuse from
blowing virtually all fault conditions, increasing system
reliability and reducing maintainence cost, in addition to
providing the hot swap benefits of the device.
APPLICATION INFORMATION


Similar Part No. - UCC3916DPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3916 TI-UCC3916 Datasheet
36Kb / 3P
[Old version datasheet]   SCSI Termpower Manager
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161 Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161DP TI1-UCC39161DP Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161DPG4 TI1-UCC39161DPG4 Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
More results

Similar Description - UCC3916DPTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3916 TI-UCC3916 Datasheet
36Kb / 3P
[Old version datasheet]   SCSI Termpower Manager
logo
List of Unclassifed Man...
8AL050S-325F1-AN ETC2-8AL050S-325F1-AN Datasheet
128Kb / 3P
   SCSI CONNECTORS
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
   SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
   SCSI Terminator
070198
logo
Assmann Electronics Inc...
AK545-2-R ASSMANN-AK545-2-R Datasheet
273Kb / 1P
   CABLE SCSI 1-SCSI 2 UL2990
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
   SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
   SCSI Terminator
112099
logo
Dallas Semiconductor
DS2105 DALLAS-DS2105 Datasheet
99Kb / 7P
   SCSI Terminator
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
   SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com