Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2727DWPTR Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2727DWPTR
Description  Isolated High Side IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2727DWPTR Datasheet(HTML) 3 Page - Texas Instruments

  UC2727DWPTR Datasheet HTML 1Page - Texas Instruments UC2727DWPTR Datasheet HTML 2Page - Texas Instruments UC2727DWPTR Datasheet HTML 3Page - Texas Instruments UC2727DWPTR Datasheet HTML 4Page - Texas Instruments UC2727DWPTR Datasheet HTML 5Page - Texas Instruments UC2727DWPTR Datasheet HTML 6Page - Texas Instruments UC2727DWPTR Datasheet HTML 7Page - Texas Instruments UC2727DWPTR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS:
PIN DESCRIPTIONS
A, B: Signal and power input pins. Connect these pins to
the secondary of the transformer driven by UC1726.
CLAMP: Analog programming pin for intermediate drive
level to be used at turn on or in response to a desatura-
tion event. Requires a bypass capacitor to COM.
COM:
Self generated common for bipolar supply. This
pin will be 16.5V below PVCC.
DSAT+, DSAT-: Inputs to the desaturation comparator. De-
saturation is detected when DSAT+ is greater than DSAT-.
ENBL: Negative true enable input. Tie to VCC to disable
the chip. Connect to COM to enable the chip. If the ENBL
pin is used as the primary input to the chip, connect B to
VCC and A to VEE.
FRC: Fault Resistor and Capacitor. Programs the dura-
tion that OUT will be held at CLAMP potential during a de-
saturation event before it is driven fully low. Also sets the
period of time that OUT will be held low before allowing it
to be driven high again.
FRPLY: Fault Reply pin. Open collector output. Normally
connected to VEE. When desaturation is detected, the pin
opens.
OUT: Gate drive output. Connect to gate of IGBT with a
series damping resistor greater than 3 ohms.
TRC: Timing Resistor and Capacitor. Programs the dura-
tion that OUT will be held at CLAMP potential and the pe-
riod of time the desaturation comparator will be ignored
during the rising edge.
VCC: Positive supply voltage. Bypass to COM with a low
ESL/ESR 1
µF capacitor.
VEE: Negative supply voltage. Bypass to COM with a low
ESL/ESR 1
µF capacitor.
PVEE:
Output driver negative supply. Connect to VEE
with a 3.3 ohm resistor and bypass to COM with a low
ESL/ESR 1
µF capacitor.
PVCC: Output driver positive supply. Connect to VCC with
a 3.3 ohm resistor and bypass to COM with a low
ESL/ESR 1
µF capacitor.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Input Receivers
Forward Diode Drop
IF = 50mA
0.5
0.65
V
IF = 500mA
1.2
2
V
VCC Regulator
VCC
25
≤ (VCC - VEE) ≤ 36V,I(COM) ≤ 15mA
15.5
16.5
17.5
V
Hysteresis Comparator
Input Open Circuit Voltage
(Measured with respect to VEE)12
V
Input Impedance
100
k
Hysteresis
44
47
50
V
Enable Input
High Level Input Voltage
12
V
Low Level Input Voltage
5V
Input Bias Current
ENBL = COM
−460
−900
µA
Output Driver
Saturation to VCC
I(OUT) = -20mA
1.7
2.3
V
Saturation to VCC
I(OUT) = -500mA
2
2.5
V
Saturation to VEE
I(OUT) = 20mA
2
3
V
Saturation to VEE
I(OUT) = 500mA
2.4
3.6
V
Unless otherwise stated, these specifications apply for TA =
−55°C to 125°C for the
UC1727, TA =
−40°C to 85°C for the UC2727, TA = 0°C to 70°C for the UC3727,
R(TRC) = 54.9k, C(TRC) = 180pF, R(FRC) = 309K, C(FRC) = 200pF, VCC - VEE =
25V, CLAMP = 9V, TA = TJ, and all voltages are measured with respect to COM.
UC1727
UC2727
UC3727
See Application Note U-143A "New Chip Pair Provides Isolated Drive for High Voltage IGBTs"
3


Similar Part No. - UC2727DWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2727 TI-UC2727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
More results

Similar Description - UC2727DWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com