Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SP3R340PRFH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E48SP3R340PRFH
Description  Delphi Series E48SP3R340, 1/8th Brick 132W DC/DC Power Modules: 48V in, 3.3V, 40A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SP3R340PRFH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E48SP3R340PRFH Datasheet HTML 1Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 2Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 3Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 4Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SP3R340PRFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_E48SP3R340_06052012
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Start up
Figure 4: Turn-on transient at full rated load current
(10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div;
Bottom Trace: ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current
(10 ms/div). Vin=48V. Top Trace: Vout: 1.0V/div,
Bottom Trace: ON/OFF input, 5V/div
For Input Voltage Start up
Figure 6: Turn-on transient at full rated load current
(10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div;
Bottom Trace: Vin , 30V/div
Figure 7: Turn-on transient at zero load current
(10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div;
Bottom Trace: Vin, 30V/div
Figure 8: Output voltage response to step-change in
load current (75%-50%-75% of Io, max; di/dt = 0.1A/µs).
Load cap: 10µF tantalum capacitor and 1µF ceramic
capacitor. Top Trace: Vout (100mV/div, 200us/div),
Bottom Trace: Iout (10A/div). Scope measurement
should be made using a BNC cable (length shorter than
20 inches). Position the load between 51 mm to 76 mm
(2 inches to 3 inches) from the module
Figure 9: Output voltage response to step-change in
load current (75%-50%-75% of Io, max; di/dt =
1.0A/µs). Load cap: 10µF tantalum capacitor and 1µF
ceramic
capacitor.
Top
Trace:
Vout
(100mV/div,
200us/div),
Bottom Trace:
Iout
(10A/div).
Scope
measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from
the module
0
0
0
0


Similar Part No. - E48SP3R340PRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R340 DELTA-E48SP3R340 Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
E48SP3R340NMFA DELTA-E48SP3R340NMFA Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
E48SP3R340NRFA DELTA-E48SP3R340NRFA Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
More results

Similar Description - E48SP3R340PRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R360NRFA DELTA-E48SP3R360NRFA Datasheet
525Kb / 15P
   Delphi Series E48SP3R360, 1/8th Brick 200W DC/DC Power Modules: 48V in, 3.3V, 60A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com