Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65580 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65580
Description  4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65580 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65580 Datasheet HTML 1Page - Texas Instruments TPS65580 Datasheet HTML 2Page - Texas Instruments TPS65580 Datasheet HTML 3Page - Texas Instruments TPS65580 Datasheet HTML 4Page - Texas Instruments TPS65580 Datasheet HTML 5Page - Texas Instruments TPS65580 Datasheet HTML 6Page - Texas Instruments TPS65580 Datasheet HTML 7Page - Texas Instruments TPS65580 Datasheet HTML 8Page - Texas Instruments TPS65580 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS65580
SLVSC29 – SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA = 25°C, EN1 = EN2 = EN3 = 5 V,
IIN
VIN supply current
2.9
3.6
mA
VFB1 = VFB2 = VFB3 = 1.0 V, Non-
switching
IVINSDN
VIN shutdown current
TA = 25°C, EN1 = EN2 = EN3 = 0 V
1.8
3
µA
VFB VOLTAGE
TA = 25°C, VO1=3.3V, VO2=1.2V,
VVFBTHLx
VFBx threshold voltage(1)
752
764
776
mV
VO3=1.5V
TCVFBx
Temperature coefficient
On the basis of 25°C(2)
–180
180
ppm/
VREG5 OUTPUT
VREG5 Rising
4.0
VUVREG5
VREG5 UVLO Threshold
V
Hysteresis
0.3
VVREG5
VREG5 output voltage
TA = 25°C, VIN = 12 V, IVREG = 5 mA
5.5
V
IVREG5
Output current
VIN = 6 V, TA = 25°C
20
mA
MOSFETs
rDS(on)H2
High side switch resistance for 2.5A
TA = 25℃, VBST2-SW2 = 5.5 V
(2) , CH2
160
m
Ω
rDS(on)L2
Low side switch resistance for 2.5A
TA = 25℃
(2), CH2
130
m
Ω
TA = 25℃, VBSTx-SWx = 5.5 V
(2) , CH1,
rDS(on)Hx
High side switch resistance for 1.5A
250
m
Ω
CH3
rDS(on)Lx
Low side switch resistance for 1.5A
TA = 25℃
(2), CH1, CH3
230
m
Ω
MIN ON/OFF TIME and SWfrequency
TONminx
Min On Time
TA = 25℃, VOUT = 0.8V
(2)
80
ns
TOFFminx
Min Off Time
TA = 25℃, VFBx = 0.7 V
(2)
220
ns
Fsw
SW-frequency
TA = 25℃
700
kHz
SOFT START
TSS
Soft-start time
Internal soft-start time
1.2
ms
(1)
x means either 1 or 2 or 3, that is, VFBx means VFB1, VFB2 or VFB3.
(2)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65580


Similar Part No. - TPS65580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65581 TI1-TPS65581 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65581PWP TI1-TPS65581PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65581PWPR TI1-TPS65581PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65581 TI1-TPS65581 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com