Electronic Components Datasheet Search |
|
E48SP3R340NRFH Datasheet(PDF) 9 Page - Delta Electronics, Inc. |
|
E48SP3R340NRFH Datasheet(HTML) 9 Page - Delta Electronics, Inc. |
9 / 13 page DS_E48SP3R340_06052012 9 THERMAL CONSIDERATIONS Thermal management is an important part of the system design. To ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the module. Convection cooling is usually the dominant mode of heat transfer. Hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel. Thermal Testing Setup Delta’s DC/DC power modules are characterized in heated vertical wind tunnels that simulate the thermal environments encountered in most electronics equipment. This type of equipment commonly uses vertically mounted circuit cards in cabinet racks in which the power modules are mounted. The following figure shows the wind tunnel characterization setup. The power module is mounted on a test PWB and is vertically positioned within the wind tunnel. The space between the neighboring PWB and the top of the power module is constantly kept at 6.35mm (0.25’’). Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches) 12.7 (0.5”) MODULE AIR FLOW 50.8 (2.0”) FACING PWB PWB AIR VELOCITY AND AMBIENT TEMPERATURE MEASURED BELOW THE MODULE Figure 19: Wind tunnel test setup Thermal Derating Heat can be removed by increasing airflow over the module. To enhance system reliability, the power module should always be operated below the maximum operating temperature. If the temperature exceeds the maximum module temperature, reliability of the unit may be affected. THERMAL CURVES Figure 20: Temperature measurement location The allowed maximum hot spot temperature is defined at 117 ℃. E48SP3R340(Standard) Output Current vs. Ambient Temperature and Air Velocity @Vin = 48V (Transverse Orientation) 0 5 10 15 20 25 30 35 40 25 30 35 40 45 50 55 60 65 70 75 80 85 Ambient Temperature (℃) Output Current (A) Natural Convection 100LFM 200LFM 300LFM 400LFM 500LFM 600LFM Figure 21: Output Current vs. Ambient Temperature and Air Velocity @ Vin=48V (Transverse Orientation) |
Similar Part No. - E48SP3R340NRFH |
|
Similar Description - E48SP3R340NRFH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |