Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65137ADSCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65137ADSCR Datasheet HTML 7Page - Texas Instruments TPS65137ADSCR Datasheet HTML 8Page - Texas Instruments TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments TPS65137ADSCR Datasheet HTML 10Page - Texas Instruments TPS65137ADSCR Datasheet HTML 11Page - Texas Instruments TPS65137ADSCR Datasheet HTML 12Page - Texas Instruments TPS65137ADSCR Datasheet HTML 13Page - Texas Instruments TPS65137ADSCR Datasheet HTML 14Page - Texas Instruments TPS65137ADSCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CTRL
Low
High
VDD
toff
tstore
tlow
thigh
tset
VSS
tss
tinit
CTRL
Low
High
tss
toff
tinit
VDD
Vss
TPS65137
www.ti.com
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
ENABLE (CTRL pin)
The CTRL pin serves two functions. One is the enable and disable of the device, the other is the output voltage
programming of the device. If the digital interface is not required the CTRL pin can be used as a standard enable
pin for the device. Pulling CTRL high starts the converter operating with its default output voltage on OUTN of
–4.93V.
DIGITAL INTERFACE (CTRL)
The digital interface allows programming the negative output voltage OUTN in digital steps. If the digital output
voltage setting is not required then the CTRL pin can also be used as a standard enable pin. In such a case the
device will come up with its default output voltage of OUTN of –4.93V.
Figure 15. CTRL Used as a Standard Device Enable
The digital output voltage programming of OUTN is implemented by a simple digital interface with the timing
shown in Figure 16.
Figure 16. Digital Interface Using CTRL
Once CTRL is pulled high the device will come up with its default voltage of –4.93V. The TPS65137 has a 5 bit
DAC implemented with the correspondent output voltage as given in Table 1. The interface counts the rising
edges applied to CTRL pin once the device is enable. For example with the timing diagram shown in Figure 16,
OUTN is programmed to –4.93V since 4 rising edges are applied. Other output voltages are programmed
according to Table 1.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65137


Similar Part No. - TPS65137ADSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
TPS65137ASDSCR TI1-TPS65137ASDSCR Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
More results

Similar Description - TPS65137ADSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
STMicroelectronics
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
   Dual DC-DC converter for powering AMOLED display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com