Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65137ADSCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS65137ADSCR Datasheet HTML 1Page - Texas Instruments TPS65137ADSCR Datasheet HTML 2Page - Texas Instruments TPS65137ADSCR Datasheet HTML 3Page - Texas Instruments TPS65137ADSCR Datasheet HTML 4Page - Texas Instruments TPS65137ADSCR Datasheet HTML 5Page - Texas Instruments TPS65137ADSCR Datasheet HTML 6Page - Texas Instruments TPS65137ADSCR Datasheet HTML 7Page - Texas Instruments TPS65137ADSCR Datasheet HTML 8Page - Texas Instruments TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS65137
www.ti.com
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
THERMAL INFORMATION
TPS65137
THERMAL METRIC(1)
DSC
UNITS
10
θJA
Junction-to-ambient thermal resistance(2)
56.5
θJC(top)
Junction-to-case(top) thermal resistance (3)
65.8
θJB
Junction-to-board thermal resistance (4)
25.2
°C/W
ψJT
Junction-to-top characterization parameter (5)
1.0
ψJB
Junction-to-board characterization parameter (6)
17.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance (7)
2.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.3
5.5
V
TA
Operating ambient temperature
–40
+85
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Refer to application section for further information.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65137


Similar Part No. - TPS65137ADSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
TPS65137ASDSCR TI1-TPS65137ASDSCR Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
More results

Similar Description - TPS65137ADSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
STMicroelectronics
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
   Dual DC-DC converter for powering AMOLED display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com