Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SP3R340PRFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E48SP3R340PRFA
Description  Delphi Series E48SP3R340, 1/8th Brick 132W DC/DC Power Modules: 48V in, 3.3V, 40A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SP3R340PRFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E48SP3R340PRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SP3R340PRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_E48SP3R340_06052012
3
ELECTRICAL CHARACTERISTICS CURVES
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
92.0
94.0
96.0
8
16
243240
Output Current (A)
36Vin
48Vin
75Vin
0
2
4
6
8
10
12
14
8
1624
3240
Output Current (A)
36Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature
0
1
2
3
4
5
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE(V)


Similar Part No. - E48SP3R340PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R340 DELTA-E48SP3R340 Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
E48SP3R340NMFA DELTA-E48SP3R340NMFA Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
E48SP3R340NRFA DELTA-E48SP3R340NRFA Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
More results

Similar Description - E48SP3R340PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R360NRFA DELTA-E48SP3R360NRFA Datasheet
525Kb / 15P
   Delphi Series E48SP3R360, 1/8th Brick 200W DC/DC Power Modules: 48V in, 3.3V, 60A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com