Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM369ZCEDF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM369ZCEDF
Description  Digital Media System-on-Chip (DMSoC)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM369ZCEDF Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM369ZCEDF Datasheet HTML 1Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 2Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 3Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 4Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 5Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 6Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 7Page - Texas Instruments TMS320DM369ZCEDF Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TMS320DM369
www.ti.com
SPRT666 – APRIL 2013
TMS320DM369
Digital Media System-on-Chip (DMSoC)
1
TMS320DM369 Digital Media System-on-Chip (DMSoC)
1.1
Features
1
• Highlights
• ARM926EJ-S™ Core
– High-Performance Digital Media System-on-
– Support for 32-Bit and 16-Bit
Chip (DMSoC)
(Thumb® Mode) Instruction Sets
– 432-MHz ARM926EJ-S Clock Rate
– DSP Instruction Extensions and Single Cycle
MAC
– Three Video Image Co-processors
(Noise Filtering, CHDVICP, MJCP) Engines
– ARM® Jazelle® Technology
– Supports a Range of Encode, Decode, and
– Embedded ICE-RT Logic for Real-Time
Video Quality Operations
Debug
– Video Processing Subsystem
• ARM9 Memory Architecture
HW Face Detect Engine
– 16K-Byte Instruction Cache
Resize Engine from 1/16x to 8x
– 8K-Byte Data Cache
16-Bit Parallel AFE (Analog Front-End)
– 32K-Byte RAM
Interface Up to 120 MHz
– 16K-Byte ROM
4:2:2 (8-/16-bit) Interface
– Little Endian
8-/16-bit YCC and Up to 24-Bit RGB888
• Three Video Image Co-processors
Digital Output
(Noise Filtering, HDVICP, MJCP) Engines
3 DACs for HD Analog Video Output
– Support a Range of Encode and Decode
Hardware On-Screen Display (OSD)
Operations
– Capable of 1080p 30fps H.264 video
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
processing
WMV9/VC1
– Peripherals include EMAC, USB 2.0 OTG,
– Noise Filtering Engine
DDR2/NAND, 5 SPIs, 2 UARTs, 2
• Video Processing Subsystem
MMC/SD/SDIO, Key Scan
– Front End Provides:
– 8 Different Boot Modes and Configurable
HW Face Detect Engine
Power-Saving Modes
Hardware IPIPE for Real-Time Image
– Pin-to-pin and software compatible with
Processing
DM365
Resize Engine
– Extended temperature (-40ºC to 85ºC)
Resize Images From 1/16x to 8x
available
Separate Horizontal/Vertical
– 3.3-V and 1.8-V I/O, 1.35-V Core
Control
– 338-Pin Ball Grid Array at 65nm Process
Two Simultaneous Output Paths
Technology
IPIPE Interface (IPIPEIF)
• High-Performance Digital Media System-on-
Image Sensor Interface (ISIF) and CMOS
Chip (DMSoC)
Imager Interface
– 432-MHz ARM926EJ-S Clock Rate
16-Bit Parallel AFE (Analog Front End)
– 4:2:2 (8-/16-Bit) Interface
Interface Up to 120 MHz
– Capable of 1080p 30fps H.264 video
Glueless Interface to Common Video
processing
Decoders
– Pin compatible with DM365 processors
BT.601/BT.656/BT.1120 Digital YCbCr
– Fully Software-Compatible With ARM9™
4:2:2 (8-/16-Bit) Interface
– Extended temperature available for 432-MHz
Histogram Module
device
Lens distortion correction module (LDC)
– Back End Provides:
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320DM369ZCEDF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM365 TI-TMS320DM365 Datasheet
1Mb / 211P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21 TI-TMS320DM365ZCE21 Datasheet
1Mb / 211P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21 TI1-TMS320DM365ZCE21 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM369ZCEDF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com