Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SH1R540PKFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # E48SH1R540PKFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH1R540PKFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button E48SH1R540PKFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SH1R540PKFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
E48SH1R540_11012013
6
ELECTRICAL CHARACTERISTICS CURVES
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
Figure 12: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div, 2us/div).
Figure 13: Output voltage noise and ripple measurement test
setup
0
0.5
1
1.5
2
0
5
10 15 20 25 30 35 40 45 50 55 60
Output current (A)
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (Io=40A)(20 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module.
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.


Similar Part No. - E48SH1R540PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH1R540PKFA DELTA-E48SH1R540PKFA Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
More results

Similar Description - E48SH1R540PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com