Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SD12025PNFH Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E48SD12025PNFH
Description  300W DC/DC Power Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SD12025PNFH Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E48SD12025PNFH Datasheet HTML 1Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 2Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 3Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 4Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SD12025PNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DS_E48SD12025_07042013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
DIGITAL INTERFACE SPECIFICATIONS
(TA=25°C, airflow rate=400 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PIN DEFINATION
Pin#
Name
Function
Pin#
Name
Function
1
VIN(+)
9
C2
PGOOD pin, and this pin also could be configurated as secondary on/off control pin
2
ON/OFF
Primary on/off
control pin
10
SIG_GND
Signal ground
3
VIN(-)
11
DATA
PMBus data line
4
VOUT(-)
12
SMBALERT
PMBus SMBAlert line
5
SENSE(-)
Remote sense
13
CLOCK
PMBus clock line
6
TRIM
Trim
note 1
14
ADDR1
ADDR1 pin sets the high order digit of the address.
7
SENSE(+)
Remote sense
15
ADDR0
ADDR0 pin sets the low order digit of the address.
8
VOUT(+)
Note1: see the last page.
PARAMETER
NOTES and CONDITIONS
E48SD12025
Min.
Typ.
Max.
Units
PMBUS SIGNAL INTERFACE CHARACTERISTICS
Input High Voltage (CLK, DATA)
2.1
3.6
Vdc
Input Low Voltage (CLK, DATA)
0
0.8
Vdc
Input high level current (CLK, DATA)
-10
10
uA
Input low level current (CLK, DATA)
-10
10
uA
Output Low Voltage (SMBALERT#)
IOUT=2mA
0.4
Vdc
Output high level open drain leakage current
(SMBALERT#)
VOUT=3.6V
0
10
uA
PMBus Operating frequency range
100
400
kHz
Measurement System Characteristics
Output current reading accuracy
IOUT =25A
-3
+3
Adc
VOUT reading accuracy
1
%
VIN reading accuracy
-2
+2
Vdc
Temperature sense range
0
°C
Temperature reading accuracy
-5
+5
°C


Similar Part No. - E48SD12025PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020 Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFA DELTA-E48SD12020NKFA Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFB DELTA-E48SD12020NKFB Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFC DELTA-E48SD12020NKFC Datasheet
1Mb / 27P
   240W DC/DC Power Modules
E48SD12020NKFH DELTA-E48SD12020NKFH Datasheet
1Mb / 27P
   240W DC/DC Power Modules
More results

Similar Description - E48SD12025PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
BOSER Technology Co., L...
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
   300W DC-DC ATX Power Supply
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com