Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F850-B-GM Datasheet(PDF) 7 Page - Silicon Laboratories

Part # C8051F850-B-GM
Description  Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F850-B-GM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button C8051F850-B-GM Datasheet HTML 3Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 4Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 5Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 6Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 7Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 8Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 9Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 10Page - Silicon Laboratories C8051F850-B-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 290 page
background image
C8051F85x/86x
Preliminary Rev 0.6
7
1. Electrical Specifications
1.1. Electrical Characteristics
All electrical parameters in all tables are specified under the conditions listed in Table 1.1, unless stated otherwise.
Table 1.1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ Max Unit
Operating Supply Voltage on VDD
VDD
2.2
3.6
V
System Clock Frequency
fSYSCLK
0
25
MHz
Operating Ambient Temperature
TA
Commercial Grade Devices
(-GM, -GS, -GU)
–40
85
°C
Industrial Grade Devices
(-IM, -IS, -IU)
–40
125
°C
Operating Junction Temperature
TJ
Commercial Grade Devices
(-GM, -GS, -GU)
–40
TBD
°C
Industrial Grade Devices
(-IM, -IS, -IU)
–40
TBD
°C
Note: All voltages with respect to GND
Table 1.2. Power Consumption
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Digital Core Supply Current
Normal Mode—Full speed with
code executing from flash
IDD
FSYSCLK = 24.5 MHz2
4.45
TBD
mA
FSYSCLK = 1.53 MHz2
915
TBD
A
FSYSCLK = 80 kHz3
250
TBD
A
Idle Mode—Core halted with
peripherals running
IDD
FSYSCLK = 24.5 MHz2
2.05
TBD
mA
FSYSCLK = 1.53 MHz2
550
TBD
A
FSYSCLK = 80 kHz3
125
TBD
A
Stop Mode—Core halted and all
clocks stopped, Supply monitor off.
IDD
Internal LDO ON
105
A
Internal LDO OFF
0.2
A
Notes:
1. Currents are additive. For example, where IDD is specified and the mode is not mutually exclusive, enabling the
functions increases supply current by the specified amount.
2. Includes supply current from internal regulator, supply monitor, and High Frequency Oscillator
3. Includes supply current from internal regulator, supply monitor, and Low Frequency Oscillator
4. ADC0 always-on power excludes internal reference supply current
5. The internal reference is enabled as-needed when operating the ADC in burst mode to save power.


Similar Part No. - C8051F850-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
More results

Similar Description - C8051F850-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F850-C-GM SILABS-C8051F850-C-GM Datasheet
3Mb / 328P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
   Low-Cost 8-bit MCU Family with up to 8 kB of Flash
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
   High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com