Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SH2R535NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # E48SH2R535NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH2R535NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button E48SH2R535NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 13Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 14Page - Delta Electronics, Inc. E48SH2R535NRFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
E48SH3R330_11012013
11
THERMAL CURVES
(WITHOUT HEAT SPREADER)
HOT SPOT 1
AIRFLOW
Figure 21: * Hot spot 1& NTC resistor temperature measured
points.
The allowed maximum hot spot 1 temperature is
defined at 124
E48SH3R330(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
Figure 22: Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation, airflow from Vin- to
Vin+,without heat spreader)
THERMAL CURVES
(WITH HEAT SPREADER)
AIRFLOW
HOT SPOT 2
Figure 23: * Hot spot 2 temperature measured point.
The allowed maximum hot spot 2 temperature
is defined at 114
E48SH3R330(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation,With Heatspreader)
0
3
6
9
12
15
18
21
24
27
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
200LFM
Natural
Convection
Figure 24: Output current vs. ambient temperature and air velocity
@Vin=48V (Transverse Orientation, airflow from Vin- to Vin+, with
heat spreader)


Similar Part No. - E48SH2R535NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
758Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
More results

Similar Description - E48SH2R535NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH3R330 DELTA-E48SH3R330 Datasheet
758Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A out
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com