Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC512-15NL Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS27PC512-15NL
Description  TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC512-15NL Datasheet(HTML) 1 Page - Texas Instruments

  TMS27PC512-15NL Datasheet HTML 1Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 2Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 3Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 4Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 5Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 6Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 7Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 8Page - Texas Instruments TMS27PC512-15NL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TMS27C512 65536 BY 8BIT UV ERASABLE
TMS27PC512 65536 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS512G − NOVEMBER 1985 − REVISED SEPTEMBER 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Organization ...65536 by 8 Bits
D Single 5-V Power Supply
D Pin Compatible With Existing 512K MOS
ROMs, PROMs, and EPROMs
D All Inputs/Outputs Fully TTL Compatible
D Max Access/Min Cycle Time
VCC ± 10%
’27C/PC512-10
100 ns
’27C/PC512-12
120 ns
’27C/PC512-15
150 ns
’27C/PC512-20
200 ns
’27C/PC512-25
250 ns
D Power Saving CMOS Technology
D Very High-Speed SNAP! Pulse
Programming
D 3-State Output Buffers
D 400-mV Minimum DC Noise Immunity With
Standard TTL Loads
D Latchup Immunity of 250 mA on All Input
and Output Lines
D Low Power Dissipation ( VCC = 5.25 V )
− Active . . . 158 mW Worst Case
− Standby . . . 1.4 mW Worst Case
(CMOS Input Levels)
D Temperature Range Options
D 512K EPROM Available With MIL-STD-883C
Class B High Reliability Processing
(SMJ27C512)
description
The TMS27C512 series are 65 536 by 8-bit
(524 288-bit), ultraviolet (UV) light erasable,
electrically programmable read-only memories
(EPROMs).
The TMS27PC512 series are 65 536 by 8-bit
(524 288-bit), one-time programmable (OTP)
electrically programmable read-only memories
(PROMs).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
430
15 16 17 18 19 20
PIN NOMENCLATURE
A0 − A15
Address Inputs
E
Chip Enable/Power Down
DQ0 − DQ7
Inputs (programming) / Outputs
G /VPP
13-V Programming Power Supply
GND
Ground
NC
No Internal Connection
NU
Make No External Connection
VCC
5-V Power Supply
J PACKAGE
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A14
A13
A8
A9
A11
G /VPP
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
A8
A9
A11
NC
G /VPP
A10
E
DQ7
DQ6
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
FM PACKAGE
( TOP VIEW )
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1997, Texas Instruments Incorporated


Similar Part No. - TMS27PC512-15NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-150FML TI-TMS27PC512-150FML Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
TMS27PC512-150FML TI-TMS27PC512-150FML Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-150NL TI-TMS27PC512-150NL Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
TMS27PC512-150NL TI-TMS27PC512-150NL Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-15FME TI-TMS27PC512-15FME Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC512-15NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C512 TI-TMS27C512 Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-20NL TI1-TMS27PC512-20NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS2716 TI-TMS2716 Datasheet
398Kb / 5P
[Old version datasheet]   2048-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS2708 TI-TMS2708 Datasheet
551Kb / 7P
[Old version datasheet]   1024-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com