Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SH05020NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SH05020NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH05020NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SH05020NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH05020NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
DS_E48SH1R540_11012013
FEATURES
High efficiency: 89% @1.5V/40A
Size: 58.4mm x 22.8mm x 9.5mm
(2.30”x0.90”x0.37”)
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OTP, OCP, OVP
Monotonic startup into normal and
pre-biased loads
Secondary control, very fast transient
response
2250V Isolation and basic insulation
No minimum load required
SMD and through-hole versions
No negative current during power or enable
on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) recognized,
and TUV (EN60950) certified
CE mark meets 73/23/EEC and 93/68/EEC
directive
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
Positive On/Off logic
Short pin lengths available
External Synchronization
Output OVP latch mode
Output OCP latch mode
Heat spreader
Delphi Series E48SH, 120W Eighth Brick Family
DC/DC Power Modules: 48V in, 1.5V/40A out
The Delphi Series E48SH Eighth Brick, 48V input, single output, isolated
DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. This
product family is available in either a through-hole or surface-mounted
package and provides up to 120 watts of power or 50A of output current
(1.2V and below) in an industry standard footprint and pinout. The E48SH
converter operates from an input voltage of 36V to 75V and is available in
output voltages from 1.0V to 15V. Efficiency is 89% for 1.5V output at 40A
full load. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performance, as well as extremely high reliability under highly stressful
operating conditions. All models are fully protected from abnormal
input/output voltage, current, and temperature conditions. The Delphi Series
converters meet all safety requirements with basic insulation.


Similar Part No. - E48SH05020NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
515Kb / 17P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
More results

Similar Description - E48SH05020NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com