Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SD12020PKFB Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # E48SD12020PKFB
Description  240W DC/DC Power Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SD12020PKFB Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  E48SD12020PKFB Datasheet HTML 1Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 2Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 3Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 4Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 5Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 6Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 7Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 8Page - Delta Electronics, Inc. E48SD12020PKFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS_E48SD12020_07042013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
ELECTRICAL CHARACTERISTICS CURVES
77
79
81
83
85
87
89
91
93
95
97
2
4
6
8
10
12
14
16
18
20
OUTPUT CURRENT (A)
38Vin
48Vin
75Vin
2
4
6
8
10
12
14
16
18
2
4
6
8
10
12
14
16
18
20
OUTPUT CURRENT(A)
38Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power loss vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
0
1
2
3
4
5
6
7
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE(V)
Figure 3: Typical full load input characteristics at room
temperature.


Similar Part No. - E48SD12020PKFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020NRFH DELTA-E48SD12020NRFH Datasheet
935Kb / 28P
   240W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
More results

Similar Description - E48SD12020PKFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com