Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SD12020PRFB Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # E48SD12020PRFB
Description  240W DC/DC Power Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SD12020PRFB Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button E48SD12020PRFB Datasheet HTML 7Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 8Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 9Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 10Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 11Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 12Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 13Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 14Page - Delta Electronics, Inc. E48SD12020PRFB Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DS_E48SD12020_07042013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
For the negative logic, if the remote ON/OFF
(ENABLE) feature is not used, please maintain the
ENABLE pin to Vin(-).
R
load
Vin+
ENABLE
Vin-
Vo+
Vo-
R
load
Vin+
ENABLE
Vin-
Vo+
Vo-
Figure 16: Remote ON/OFF (ENABLE) implementation
Secondary Remote On/Off
Reference to the Vo(-) terminal, there is a C2 pin. The
default configuration is set to PGOOD function. And
such pin can be reconfigured as secondary remote
on/off pin by the PMBus interface including either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic
high. Positive logic turns the modules on during a logic
high and off during a logic low. The secondary remote
on/off can be controlled by an external switch between
the on/off terminal and the Vo(-) terminal. The switch
can be an open collector or open drain.
MFR_C1_C2_ARA_CONFIG,
MFR_
C2_LOGIC,
MFR_PGOOD_POLARITY are used to config C2 pin
function.
Remote Sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections (See Figure 17). The SENSE(-) pin should
be always connected to VO(-) pin. The voltage between
the remote-sense pins and the output terminals must
not exceed the output voltage sense range given in the
Feature Specifications
[VO(+)
– VO(–)] – SENSE(+) ≤0.5 V
The output voltage can also be increased by the trim,
the maximum increase for the output voltage is the
sum of both. The amount of power delivered by the
module is defined as the voltage at the output
terminals multiplied by the output current. When using
remote sense and trim, the output voltage of the
module can be increased, which at the same output
current, would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module remains at or
below the maximum rated power (Maximum rated
power = Vo,set x Io,max)
Vout(+)
Load
Input source
Vin(-)
Sense(-)
Sense(+)
Vout(-)
Vin(+)
Resistance of trace
Resistance of trace
Figure 17: Circuit Configuration for remote sense.
Configurable Control Pins
The module contains one configurable control pins C2,
referenced to the module secondary SIG_GND. See
Mechanical Views for pin locations. The following table
list the default factory configurations for the functions
assigned to the pin.
Pin
Designation/Function
Configuration
C2
Power Good
Factory Default
On/Off
Optional Vias PMBUS
Output Voltage Adjustment (TRIM)
note1
To increase or decrease the output voltage set point,
connect an external resistor between the TRIM pin
and either the Vo(+) or Vo(-). The TRIM pin should be
left open if this feature is not used.
Figure 18: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the
TRIM and Vo (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:


K
down
Rtrim
2
.
10
511
_
Ex. When Trim-down -10% (11.7V×0.9=10.53V)


K
K
down
Rtrim
9
.
40
2
.
10
10
511
_


Similar Part No. - E48SD12020PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020NRFH DELTA-E48SD12020NRFH Datasheet
935Kb / 28P
   240W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
More results

Similar Description - E48SD12020PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com