Electronic Components Datasheet Search |
|
ECJTVB0J105M Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
ECJTVB0J105M Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 4 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(4 Array Type) – EC31 – 0.1 1 10 100 1000 10000 Frequency (MHz) 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 Measurement Circuit Measuring sample : Mounting to the PC board. 50 50 50 ■ Cross talk characteristics [Ex.] Size: 0805, Temperature Characteristics: CH, 100 pF Rated voltage DC 50 V DC 16 V DC 6.3 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. BX7R BX7R X5R 470 ±20 % (M) ECJRVB1H471M 0.85 680 ECJRVB1H681M 0.85 1000 ECJRVB1H102M 0.85 1500 ECJRVB1H152M 0.85 2200 ECJRVB1H222M 0.85 3300 ECJRVB1H332M 0.85 4700 ECJRVB1H472M 0.85 6800 ECJRVB1H682M 0.85 10000 ECJRVB1H103M 0.85 100000 ECJRVB1C104M 0.85 1000000 ECJRVB0J105M 0.85 ● Class 2 ◆ Temperature Characteristic Code: B (Temperature Characteristics: B, X7R, X5R) Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel Avoid flow soldering. Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. CH 10 ±1 pF (F) ECJRVC1H100F 0.85 15 ±10 % (K) ECJRVC1H150K 0.85 22 ECJRVC1H220K 0.85 33 ECJRVC1H330K 0.85 47 ECJRVC1H470K 0.85 68 ECJRVC1H680K 0.85 100 ECJRVC1H101K 0.85 150 ECJRVC1H151K 0.85 220 ECJRVC1H221K 0.85 330 ECJRVC1H331K 0.85 470 ECJRVC1H471K 0.85 ■ Standard Products for EIA “1206”, Taped Version ● Class 1 ◆ Temperature Characteristic Code: C (Temperature Characteristics: CH) Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel Avoid flow soldering. Rated voltage DC 25 V DC 10 V Capaci- tance (µF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. FY5V FY5V 0.1 +80, –20 % (Z) ECJRVF1E104Z 0.85 1.0 ECJRVF1A105Z 0.85 ◆ Temperature Characteristic Code: F (Temperature Characteristics: F, Y5V) Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel Avoid flow soldering. 00 Sep. 2008 |
Similar Part No. - ECJTVB0J105M |
|
Similar Description - ECJTVB0J105M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |