Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR9120TRL Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFR9120TRL
Description  Dynamic dV/dt Rating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR9120TRL Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRFR9120TRL Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR9120TRL Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR9120TRL Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR9120TRL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR9120TRL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR9120TRL Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR9120TRL Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.kersemi.com
6
IRFR9120, IRFU9120, SiHFR9120, SiHFU9120
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
- 10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
- 10 V
D.U.T.
- 3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.


Similar Part No. - IRFR9120TRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR9120TRL VISHAY-IRFR9120TRL Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jun-08
logo
Kersemi Electronic Co.,...
IRFR9120TRLA KERSEMI-IRFR9120TRLA Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR9120TRLPBF VISHAY-IRFR9120TRLPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jun-08
IRFR9120TRLPBF-BE3 VISHAY-IRFR9120TRLPBF-BE3 Datasheet
1Mb / 13P
   Power MOSFET
01-Jan-2022
logo
Kersemi Electronic Co.,...
IRFR9120TRLPBFA KERSEMI-IRFR9120TRLPBFA Datasheet
4Mb / 7P
   Power MOSFET
More results

Similar Description - IRFR9120TRL

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
   Dynamic dv/dt Rating
logo
International Rectifier
IRLL2705TRPBF IRF-IRLL2705TRPBF Datasheet
231Kb / 9P
   DYNAMIC DV/DT RATING
logo
Kersemi Electronic Co.,...
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
   Dynamic dV/dT Rating
2015-11-23
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
   Dynamic dV/dt Rating
logo
Kersemi Electronic Co.,...
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR9110TRR KERSEMI-IRFR9110TRR Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com