Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR4104 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # AUIRFR4104
Description  AUTOMOTIVE GRADE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AUIRFR4104 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  AUIRFR4104 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. AUIRFR4104 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AUIRFR/U4104
4
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
0
1
10
100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 25°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0
1
10
100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
4
6
8
10
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
VDS = 20V
60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0
20
406080
100
ID, Drain-to-Source Current (A)
0
20
40
60
80
100
120
TJ = 25°C
TJ = 175°C
VDS = 10V
380µs PULSE WIDTH
www.kersemi.com


Similar Part No. - AUIRFR4104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR4104 IRF-AUIRFR4104 Datasheet
312Kb / 14P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
AUIRFR4104 KERSEMI-AUIRFR4104 Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR4104 KERSEMI-AUIRFR4104 Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRFR4104 INFINEON-AUIRFR4104 Datasheet
721Kb / 12P
   Low On-Resistance
2015-12-1
logo
International Rectifier
AUIRFR4104TR IRF-AUIRFR4104TR Datasheet
312Kb / 14P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRFR4104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com