Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C225M1R2CT500 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2220C225M1R2CT500
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C225M1R2CT500 Datasheet(HTML) 1 Page - Kemet Corporation

  C2220C225M1R2CT500 Datasheet HTML 1Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 2Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 3Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 4Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 5Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 6Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 7Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 8Page - Kemet Corporation C2220C225M1R2CT500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 5/30/2013
1
One world. One KEMET
Overview
KEMET Power Solutions (KPS) Commercial Series stacked
capacitors utilize a proprietary lead-frame technology to
vertically stack one or two multilayer ceramic chip capacitors
into a single compact surface mount package. The attached
lead-frame mechanically isolates the capacitor/s from the
printed circuit board, therefore offering advanced mechanical
and thermal stress performance. Isolation also addresses
concerns for audible, microphonic noise that may occur when
a bias voltage is applied. A two chip stack offers up to double
the capacitance in the same or smaller design footprint when
compared to traditional surface mount MLCCs devices.
Providing up to 10 mm of board flex capability, KPS Series
capacitors are environmentally friendly and in compliance with
RoHS legislation. Available in X7R dielectric, these devices are
capable of Pb-Free reflow profiles and provide lower ESR, ESL
and higher ripple current capability when compared to other
dielectric solutions.
Combined with the stability of an X7R dielectric, KEMET’s KPS
Series devices exhibit a predictable change in capacitance
with respect to time and voltage and boast a minimal change in
capacitance with reference to ambient temperature. Capacitance
change is limited to ±15% from -55°C to +125°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Ordering Information
C
1210
C
225
M
4
R
1
C
7186
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Voltage
Dielectric
Failure Rate/Design
Leadframe
Finish2
Packaging/Grade
(C-Spec)3
1210
1812
2220
C = Standard
2 significant
digits + number
of zeros
K = ±10%
M = ±20%
8 = 10 V
4 = 16 V
3 = 25 V
5 = 50 V
1 = 100 V
A = 250 V
R = X7R
1 = KPS Single Chip Stack
2 = KPS Double Chip Stack
C = 100%
Matte Sn
7186 = 7" Reel
Unmarked
7289 = 13" Reel
Unmarked
1
Double chip stacks ("2" in the 13th character position of the ordering code) are only available in M (±20%) capacitance tolerance. Single chip stacks ("1" in the
13th character position of the ordering code) are available in K (±10%) or M (±20%) tolerances.
2
Additional leadframe finish options may be available. Contact KEMET for details.
3
Additional reeling or packaging options may be available. Contact KEMET for details.
Benefits
• -55°C to +125°C operating temperature range
• Reliable and robust termination system
• EIA 1210, 1812, and 2220 case sizes
• DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V, and 250 V
• Capacitance offerings ranging from 0.1 μF up to 47 μF
• Available capacitance tolerances of ±10% and ±20%
• Higher capacitance in the same footprint
• Potential board space savings
• Advanced protection against thermal and mechanical stress
• Provides up to 10 mm of board flex capability
• Reduces audible, microphonic noise
• Extremely low ESR and ESL
• Pb-Free and RoHS Compliant
• Capable of Pb-Free reflow profiles
• Non-polar device, minimizing
installation concerns
• Tantalum and electrolytic alternative


Similar Part No. - C2220C225M1R2CT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C225M1RACAUTO KEMET-C2220C225M1RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C2220C225M1R2CT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C104M4RACTU KEMET-C0603C104M4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C152K2RACTU KEMET-C0603C152K2RACTU Datasheet
854Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C101K5RACTU KEMET-C0603C101K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0805C105K4RACTU KEMET-C0805C105K4RACTU Datasheet
824Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C104M5RACTU KEMET-C0603C104M5RACTU Datasheet
854Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C104K4RACTU KEMET-C0603C104K4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
C0402C150K5GACTU KEMET-C0402C150K5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C189C5GACTU KEMET-C0402C189C5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C100C5GACTU KEMET-C0603C100C5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com