Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3303PBF Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3303PBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3303PBF Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFR3303PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3303PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFR/U3303PbF
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
30A
0.1
1
10
100
4
5
6
7
8
9
10
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
0.01
0.1
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
15V
www.kersemi.com


Similar Part No. - IRFR3303PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3303PBF IRF-IRFR3303PBF Datasheet
251Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3303PBF KERSEMI-IRFR3303PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
logo
International Rectifier
IRFR3303PBF IRF-IRFR3303PBF Datasheet
256Kb / 11P
   ULTRA LOW ON RESISTANCE
IRFR3303PBF IRF-IRFR3303PBF_15 Datasheet
256Kb / 11P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com