Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR2905Z Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # AUIRFR2905Z
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AUIRFR2905Z Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button AUIRFR2905Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. AUIRFR2905Z Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AUIRFR2905Z
www.kersemi.com
7
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
240
I D
TOP
36A
8.6A
BOTTOM
4.8A
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
ID = 250µA


Similar Part No. - AUIRFR2905Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR2905Z IRF-AUIRFR2905Z Datasheet
290Kb / 13P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRFR2905Z ETC2-AUIRFR2905Z Datasheet
290Kb / 13P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRFR2905Z INFINEON-AUIRFR2905Z Datasheet
673Kb / 11P
   AUTOMOTIVE GRADE
2015-10-12
logo
International Rectifier
AUIRFR2905ZTR IRF-AUIRFR2905ZTR Datasheet
290Kb / 13P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRFR2905ZTRL INFINEON-AUIRFR2905ZTRL Datasheet
673Kb / 11P
   AUTOMOTIVE GRADE
2015-10-12
More results

Similar Description - AUIRFR2905Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com