Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA03S1203A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DA03S1203A
Description  3W DC/DC CONVERTER, DIP-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA03S1203A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DA03S1203A Datasheet HTML 1Page - Delta Electronics, Inc. DA03S1203A Datasheet HTML 2Page - Delta Electronics, Inc. DA03S1203A Datasheet HTML 3Page - Delta Electronics, Inc. DA03S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DE03S/D Series
3W DC/DC CONVERTER, DIP-Package
DS_DE03S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 84%
DIP Package with Industry Standard Pinout
> 1MHours MTBF
2:1 Wide Input Range
UL60950-1 Safety Approval
Isolation Voltage 1500VDC
Temperature Performance -25
℃ to +71℃
Internal SMD Construction
3 Years Product Warranty
The DE03S/D series are miniature, DIP Package, isolated 3W DC/DC converters with 1,500VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –25°C to +71°C.These isolated DC/DC converters are the latest offering
from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and
optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DE03S0503A
3.3
600
60
566
70
DE03S0505A
5
500
50
685
73
DE03S0512A
12
250
25
779
77
DE03S0515A
15
200
20
779
4000
77
DE03D0505A
±5
±250
±25
694
72
DE03D0512A
±12
±125
±12.5
800
75
DE03D0515A
5
(4.5 ~ 9)
±15
±100
±10
800
40
100
1000*
75
DE03S1203A
3.3
600
60
223
74
DE03S1205A
5
500
50
267
78
DE03S1212A
12
250
25
305
82
DE03S1215A
15
200
20
305
4000
82
DE03D1205A
±5
±250
±25
271
77
DE03D1212A
±12
±125
±12.5
313
80
DE03D1215A
12
(9 ~ 18)
±15
±100
±10
313
20
30
1000*
80
DE03S2403A
3.3
600
60
109
76
DE03S2405A
5
500
50
132
79
DE03S2412A
12
250
25
149
84
DE03S2415A
15
200
20
149
4000
84
DE03D2405A
±5
±250
±25
132
79
DE03D2412A
±12
±125
±12.5
152
82
DE03D2415A
24
(18 ~ 36)
±15
±100
±10
152
5
15
1000*
82
DE03S4803A
3.3
600
60
55
76
DE03S4805A
5
500
50
66
79
DE03S4812A
12
250
25
75
84
DE03S4815A
15
200
20
75
4000
84
DE03D4805A
±5
±250
±25
65
80
DE03D4812A
±12
±125
±12.5
75
84
DE03D4815A
48
(36 ~75)
±15
±100
±10
75
3
10
1000*
84
* For each output


Similar Part No. - DA03S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA03S1203A DELTA-DA03S1203A Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA03S1203A DELTA-DA03S1203A Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DA03S1203A DELTA-DA03S1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA03S1203A DELTA-DA03S1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DA03S1203A DELTA-DA03S1203A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DA03S1203A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Delta Electronics, Inc.
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300_11 Datasheet
281Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Metal Package
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com