Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SR12005PNFH Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E36SR12005PNFH
Description  Delphi E36SR Series DC/DC Power Modules:18~75 in, 12V/5A out, 60W
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SR12005PNFH Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E36SR12005PNFH Datasheet HTML 1Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 2Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 3Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 4Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 5Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 6Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 7Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 8Page - Delta Electronics, Inc. E36SR12005PNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS_E36SR12005_09162013
4
ELECTRICAL CHARACTERISTICS CURVES
81
82
83
84
85
86
87
88
89
90
91
92
93
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
5.4
OUTPUT CURRENT(A)
24V
48V
75V
18v
2
3
4
5
6
7
8
9
10
11
12
13
14
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
5.4
OUTPUT CURRENT(A)
24V
48V
75V
18v
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C, 300LFM airflow.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C, 300LFM airflow.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
15
20
25
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE(V)
11.8
12
12.2
12.4
15.
0
16.
0
17.
0
18.
0
19.
0
20.
0
21.
0
22.
0
23.
0
24.
0
25.
0
26.
0
27.
0
28.
0
29.
0
30.
0
31.
0
32.
0
33.
0
34.
0
35.
0
36.
0
37.
0
38.
0
0%load
100%load
Vin(V)
Figure 3: Typical full load input characteristics at 25°C
Figure 4: Typical output regulation curve at 25°C


Similar Part No. - E36SR12005PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
522Kb / 12P
   Delphi E36SR Series DC/DC Power Modules 18~60 in, 12V/4A out, 48W
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
456Kb / 13P
   Delphi E36SR Series DC/DC Power Modules
More results

Similar Description - E36SR12005PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
522Kb / 12P
   Delphi E36SR Series DC/DC Power Modules 18~60 in, 12V/4A out, 48W
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
456Kb / 13P
   Delphi E36SR Series DC/DC Power Modules
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR12005 DELTA-E24SR12005 Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com