Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI02S0305A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DI02S0305A
Description  6W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DI02S0305A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DI02S0305A Datasheet HTML 1Page - Delta Electronics, Inc. DI02S0305A Datasheet HTML 2Page - Delta Electronics, Inc. DI02S0305A Datasheet HTML 3Page - Delta Electronics, Inc. DI02S0305A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DJ06S/D Series
6W DC/DC CONVERTER, DIP-Package, High Isolation
DS_DJ06S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 84%
DIP Package with Industry Standard Pinout
4:1 Wide Input Range
Operating Temperature Range -40°C to +85°C
Isolation Voltage 1500VDC /3000VDC(Optional)
Short Circuit Protection
Overload Protection
Complies with EN 55022 Class A
Lead free, RoHs Compliant
3 Years Product Warranty
The DJ06S/D series is miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC/3000VDC isolation. It offers
short circuit protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the
latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DJ06S2403A
3.3
1200
214
470
77
DJ06S2405A
5
1200
313
470
80
DJ06S2412A
12
500
298
100
84
DJ06S2415A
15
400
298
100
84
DJ06S2424A
24
250
298
47
84
DJ06D2405A
±5
±500
260
100*
80
DJ06D2412A
±12
±250
298
100*
84
DJ06D2415A
24
(9 ~ 36)
±15
±200
298
20
20
100*
84
DJ06S4803A
3.3
1200
107
470
77
DJ06S4805A
5
1200
156
470
80
DJ06S4812A
12
500
149
100
84
DJ06S4815A
15
400
149
100
84
DJ06S4824A
24
250
149
47
84
DJ06D4805A
±5
±500
130
100*
80
DJ06D4812A
±12
±250
149
100*
84
DJ06D4815A
48
(18 ~ 75)
±15
±200
149
10
15
100*
84
* For each output
P1


Similar Part No. - DI02S0305A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DI02S0303A DELTA-DI02S0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DI02S0303A DELTA-DI02S0303A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
DI02S0303A DELTA-DI02S0303A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DI02S0305A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com