Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SC3R335PNFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # E36SC3R335PNFA
Description  Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC3R335PNFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button E36SC3R335PNFA Datasheet HTML 3Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 4Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 5Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 6Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 7Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 8Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 9Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 10Page - Delta Electronics, Inc. E36SC3R335PNFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS_E36SC3R335_03282013
7
FEATURES DESCRIPTIONS
Over-Current Protection
The module include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the module will
automatically shut down, and enter hiccup mode.
For hiccup mode, the module will try to restart after
shutdown. If the over current condition still exists, the
module will shut down again. This restart trial will continue
until the over-current condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the output
terminals. If this voltage exceeds the over-voltage set point,
the module will shut down, and enter in hiccup mode.
For hiccup mode, the module will try to restart after
shutdown. If the over voltage condition still exists, the
module will shut down again. This restart trial will continue
until the over-voltage condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides
protection
from
thermal
damage.
If
the
temperature exceeds the over-temperature threshold the
module will shut down, and enter in auto-restart mode.
For auto-restart mode, the module will detect temperature
after shutdown. If the over temperature condition still exists,
the module will remain shutdown. This restart trial will
continue until the over-temperature condition is corrected.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.
Figure 14: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins
and the output terminals must not exceed the output
voltage sense range given here:
[Vo(+) – Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Figure 15: Effective circuit configuration for remote sense
operation


Similar Part No. - E36SC3R335PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Industry standard footprint and pinout
More results

Similar Description - E36SC3R335PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC12009NRFA DELTA-E36SC12009NRFA Datasheet
579Kb / 16P
   Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com