Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62242DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62242DRVT
Description  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62242DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62242DRVT Datasheet HTML 1Page - Texas Instruments TPS62242DRVT Datasheet HTML 2Page - Texas Instruments TPS62242DRVT Datasheet HTML 3Page - Texas Instruments TPS62242DRVT Datasheet HTML 4Page - Texas Instruments TPS62242DRVT Datasheet HTML 5Page - Texas Instruments TPS62242DRVT Datasheet HTML 6Page - Texas Instruments TPS62242DRVT Datasheet HTML 7Page - Texas Instruments TPS62242DRVT Datasheet HTML 8Page - Texas Instruments TPS62242DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 4,7µF 0603, COUT = 10µF 0603, L = 2.2µH, refer to parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
SUPPLY
VIN
Input voltage range
2
6
V
2.3 V
≤ VIN ≤ 6 V
300
IOUT
Output current
mA
2 V
≤ VIN ≤ 2.3 V
150
IOUT = 0 mA. PFM mode enabled (MODE = GND)
15
device not switching
µA
IOUT = 0 mA. PFM mode enabled (MODE = GND)
IQ
Operating quiescent current
18.5
device switching, VOUT = 1.8 V,
(1)
IOUT = 0 mA, switching with no load (MODE = VIN),
3.8
mA
PWM operation , VOUT = 1.8 V, VIN = 3 V
ISD
Shutdown current
EN = GND
0.1
1
µA
Falling
1.85
UVLO
Undervoltage lockout threshold
V
Rising
1.95
ENABLE, MODE
VIH
High level input voltage, EN, MODE
2 V
≤ VIN ≤ 6 V
1
VIN
V
VIL
Low level input voltage, EN, MODE
2 V
≤ VIN ≤ 6 V
0
0.4
V
IIN
Input bias current, EN, MODE
EN, MODE = GND or VIN
0.01
1
µA
POWER SWITCH
High side MOSFET on-resistance
240
480
RDS(on)
VIN = VGS = 3.6 V, TA = 25°C
m
Low side MOSFET on-resistance
180
380
Forward current limit MOSFET
ILIMF
VIN = VGS = 3.6 V
0.56
0.7
0.84
A
high-side and low side
TSD
Thermal shutdown
Increasing junction temperature
140
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2 V
≤ VIN ≤ 6 V
2
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output voltage range
0.6
VIN
V
Vref
Reference Voltage
600
mV
MODE = VIN, PWM operation, 2 V ≤ VIN ≤ 6 V, in
Feedback voltage
–1.5%
0% 1.5%
fixed output voltage versions VFB = VOUT, See
(2)
VFB
Feedback voltage PFM mode
MODE = GND, device in PFM mode
0%
Load regulation
-0.5
%/A
tStart Up
Start-up Time
Time from active EN to reach 95% of VOUT nominal
500
µs
tRamp
VOUT ramp UP time
Time to ramp from 5% to 95% of VOUT
250
µs
Ilkg
Leakage current into SW pin
VIN = 3.6 V, VIN = VOUT = VSW, EN = GND,
(3)
0.1
1
µA
(1)
See the parameter measurement information.
(2)
for VIN = VO + 0.6
(3)
In fixed output voltage versions, the internal resistor divider network is disconnected from FB pin.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Similar Part No. - TPS62242DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62242DRV TI-TPS62242DRV Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Similar Description - TPS62242DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com