Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9250A085QR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9250A085QR-G
Description  30V Driver Transistor Built-In Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9250A085QR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9250A085QR-G Datasheet HTML 2Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 3Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 4Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 5Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 6Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 7Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 8Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 9Page - Torex Semiconductor XC9250A085QR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6/28
XC9250/XC9251 Series
ELECTRICAL CHARACTERISTICS
XC9250A/B083
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB Voltage
VFB1
VFB=0.816V→0.784V, VSS=6V,
VFB Voltage when Lx pin oscillates
0.784
0.8
0.816
V
FB Voltage
Temperature Characteristics
∆VFB/
(∆Topr・VFB)
-40℃≦Topr≦105℃
-
±50
-
ppm/℃
Output Voltage
Setting Range
VOUTSET
-
1.2
(*1)
-
12
V
-
Operating Voltage Range
VIN
-
7
-
30
V
-
UVLO detect voltage
VUVLO1
VIN=4.9V→4.3V, VFB=0.65V, VSS=6V
VIN Voltage when Lx pin voltage changes from "H"
level to "L" level
4.3
4.6
4.9
V
UVLO release voltage
VUVLO2
VIN=4.7V→5.3V, VFB=0.65V, VSS=6V
VIN Voltage when Lx pin voltage changes from "L"
level to "H" level
4.7
5.0
5.3
V
Quiescent Current
Iq
VIN=VCE=30V, VFB=0.95V
-
200
310
μ
A
Stand-by Current
ISTB
VIN=30V, VCE=0V, VSS=0V, VSYNC=0V
-
0.01
0.1
μ
A
Oscillation Frequency
fOSC
Connected to external components, IOUT=300mA
270
300
330
kHz
External Clock Signal
Synchronized Frequency
SYNCOSC
Connected to external components, IOUT=0mA
fOSCx0.75
fOSC
fOSCx1.25
kHz
External Clock Signal
Duty Cycle
DSYNC
Connected to external components, IOUT=0mA
25
-
75
%
Maximum Duty Cycle
DMAX
VFB=0.65V
83
85
88
%
Minimum Duty Cycle
DMIN
VFB=0.95V
-
-
0
%
Lx SW On Resistance
RLx
VFB=0.65V, VSS=6V
-
0.3
0.6
Current Limit
(*2)
ILIM
VFB=0.65V, VSS=6V
2.4
3.2
-
A
Latch Time
tLAT
XC9250A series only
Connected to external components, VFB=0.65V, VSS=6V
0.8
1.3
1.8
ms
Short Detect Voltage
VSHORT
XC9250B series only, Connected to external components,
VFB=0.45V→0.35V, VSS=6V
VFB Voltage when Oscillation Frequency is decreased
0.35
0.40
0.45
V
Internal Soft-start Time
tSS1
VCE=0→12V, VSS=6V, VFB=VFB1×0.9V
Time until Lx pin oscillates
0.8
1.3
2.0
ms
External Soft-start Time
tSS2
VCE=0→12V, VSS=6V, VFB=VFB1×0.9V, CSS=0.01μF
Time until Lx pin oscillates
9
15
24
ms
Efficiency
(*3)
EFFI
Connected to external components, IOUT=1A
-
91
-
%
SYNC ‘H’ Voltage
VSYNCH
Connected to external components, IOUT=0mA
1.5
-
6
V
SYNC ‘L’ Voltage
VSYNCL
Connected to external components, IOUT=0mA
-
-
0.4
V
SYNC ‘H’ Current
ISYNCH
VIN=VCE=30V, VSYNC=6V, VFB=0.95V
-0.1
0
0.1
μ
A
SYNC ‘L’ Current
ISYNCL
VIN=VCE=30V, VSYNC=0V, VFB=0.95V
-0.1
0
0.1
μ
A
FB ‘H’ Current
IFBH
VIN=VCE=30V, VFB=6V, VSS=6V
-0.1
0
0.1
V
FB ‘L’ Current
IFBL
VIN=VCE=30V, VFB=0V, VSS=6V
-0.1
0
0.1
V
CE ‘H’ Voltage
VCEH
VCE=1.0V→2.8V, VFB=0.65V, VSS=6V
VCE Voltage when Lx pin voltage changes from "L" level to "H"
2.8
-
30
V
CE ‘L’ Voltage
VCEL
VCE=2.8V→1.0V, VFB=0.65V, VSS=6V
VCE Voltage when Lx pin voltage changes from "H" level to "L"
-
-
1
V
CE ‘H’ Current
ICEH
VIN=VCE=30V, VFB=0.95V
-0.1
0
0.1
μ
A
CE ‘L’ Current
ICEL
VIN=30V, VCE=0V, VFB=0.95V
-0.1
0
0.1
μ
A
Thermal Shutdown Temperature
TTSD
Junction Temperature
-
150
-
-
Hysteresis Width
THYS
Junction Temperature
-
25
-
-
Ta=25℃
NOTE:
Unless otherwise stated, VIN=VCE=12V, VSYNC=2V, VSS=2V
External Components: Unless otherwise stated, L=22μH, CIN=10μF, CL=47μF, CBST=1μF, RFB1=2kΩ, RFB2=390Ω, CFB=10nF
(*1) Limited by a minimum ON time of 0.22μs (TYP.).
(*2) Current limit denotes the level of detection at peak of coil current.
(*3) EFFI=[(output voltage × output current)÷(inputvoltage × input current)]×100


Similar Part No. - XC9250A085QR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
XC9253R TOREX-XC9253R Datasheet
250Kb / 13P
   Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9250A085QR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com