Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGW10N60RUF Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SGW10N60RUF
Description  Short Circuit Rated IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGW10N60RUF Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SGW10N60RUF Datasheet HTML 1Page - Fairchild Semiconductor SGW10N60RUF Datasheet HTML 2Page - Fairchild Semiconductor SGW10N60RUF Datasheet HTML 3Page - Fairchild Semiconductor SGW10N60RUF Datasheet HTML 4Page - Fairchild Semiconductor SGW10N60RUF Datasheet HTML 5Page - Fairchild Semiconductor SGW10N60RUF Datasheet HTML 6Page - Fairchild Semiconductor SGW10N60RUF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SGW10N60RUF Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 14. Gate Charge Characteristics
Fig 15. SOA Characteristics
Fig 16. Turn-Off SOA Characteristics
Fig 17. Transient Thermal Impedance of IGBT
Fig 13. Switching Loss vs. Collector Current
010
20
30
0
3
6
9
12
15
V
CC = 100 V
200 V
300 V
Common Emitter
R
L = 30
T
C = 25
Gate Charge, Q
g [ nC ]
1
10
100
1000
1
10
Safe Operating Area
V
GE
= 20V, T
C
= 100℃
50
Collector-Emitter Voltage, V
CE [V]
510
15
20
100
1000
Eon
Eoff
Common Emitter
V
GE =
± 15V, R
G = 20
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector Current, I
C
[A]
0.1
1
10
100
1000
0.1
1
10
100
Single Nonrepetitive
Pulse T
C
= 25℃
Curves must be derated
linearly with increase
in temperature
I
C MAX. (Continuous)
I
C MAX. (Pulsed)
DC Operation
1㎳
100us
50us
Collector-Emitter Voltage, V
CE [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
10
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
Rectangular Pulse Duration [sec]
Pdm
t1
t2
Duty factor D = t1 / t2
Peak Tj = Pdm
× Zthjc + T
C


Similar Part No. - SGW10N60RUF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGW10N60RUFD FAIRCHILD-SGW10N60RUFD Datasheet
596Kb / 8P
   Short Circuit Rated IGBT
More results

Similar Description - SGW10N60RUF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com