Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI06D2405A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DI06D2405A
Description  6W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DI06D2405A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DI06D2405A Datasheet HTML 1Page - Delta Electronics, Inc. DI06D2405A Datasheet HTML 2Page - Delta Electronics, Inc. DI06D2405A Datasheet HTML 3Page - Delta Electronics, Inc. DI06D2405A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_DJ06S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Part Numbering System
D
J
06
S
24
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
H- High isolation
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P4


Similar Part No. - DI06D2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DI06D0303A DELTA-DI06D0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DI06D0303A DELTA-DI06D0303A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
DI06D0303A DELTA-DI06D0303A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DI06D0312H DELTA-DI06D0312H Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DI06D0503A DELTA-DI06D0503A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DI06D2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com