Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVRL135S Datasheet(PDF) 9 Page - Tyco Electronics

Part # LVRL135S
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVRL135S Datasheet(HTML) 9 Page - Tyco Electronics

Back Button LVRL135S Datasheet HTML 2Page - Tyco Electronics LVRL135S Datasheet HTML 3Page - Tyco Electronics LVRL135S Datasheet HTML 4Page - Tyco Electronics LVRL135S Datasheet HTML 5Page - Tyco Electronics LVRL135S Datasheet HTML 6Page - Tyco Electronics LVRL135S Datasheet HTML 7Page - Tyco Electronics LVRL135S Datasheet HTML 8Page - Tyco Electronics LVRL135S Datasheet HTML 9Page - Tyco Electronics LVRL135S Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
183
15
EIA Referenced Taped Component Dimensions for LVR Devices
Figure L7
h
H
1
P
1
W
4
H
0
H
1
C
1
C
2
F
A
B
Reference plane
Direction of unreeling
Cross section A-B
W
5
H
W
t
P
0
D
0
I
2
L
L
1
h
p
p
EIA Referenced Reel Dimensions for LVR Devices
Figure L8
w
1
n
a
c
w
2
Cross section
Direction of
unreeling
Reel
Type
Upper side
Lower side
Optional shape: Circular or polygonal
Part Numbering System for LVR Devices
LVR 075 S 2
Packaging
Blank = Packaged in bags
-1
= 25.4mm (1.0 inch) minimum lead length
-2
= Tape and reel
-X.X
= Special lead cut length (inch)
Modifier
K
= Standard kinked lead
S
= Straight lead
Hold Current Indicator
Product Series
LVR
= 240V rated
LVRL = 120V rated


Similar Part No. - LVRL135S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVRL135S MACOM-LVRL135S Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVRL135S MACOM-LVRL135S Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - LVRL135S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005N MACOM-LVR005N Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com