Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1540 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR1540
Description  15AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1540 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR1540 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR1505 thru MUR1560
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Case Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
150
175
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
10
12
15
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.8
.4
.6
1.0
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
2.2
Figure 2
Typical Reverse Characteristics
Volts
.4
.6
2
1
µAmps
20
140
40
80
100
120
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
160
TJ=25
°C
1505-1520
1
100
4
0
25
50
75
8
Figure 4
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
100
150
200
1540-1560
www.kersemi.com


Similar Part No. - MUR1540

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1540 MOTOROLA-MUR1540 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
Digitron Semiconductors
MUR1540 DIGITRON-MUR1540 Datasheet
459Kb / 5P
   15A SCHOTTKY RECTIFIER
logo
ON Semiconductor
MUR1540 ONSEMI-MUR1540 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
New Jersey Semi-Conduct...
MUR1540 NJSEMI-MUR1540 Datasheet
71Kb / 2P
   Ultrafast Recovery Rectifier
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
More results

Similar Description - MUR1540

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MUR1505 CHENYI-MUR1505 Datasheet
195Kb / 2P
   15Amp super fast glass passivated rectifier 50to600 volts
logo
Micro Commercial Compon...
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
   15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
MURH805CT MCC-MURH805CT Datasheet
150Kb / 2P
   8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1505 KERSEMI-MUR1505 Datasheet
945Kb / 2P
   15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR610CT KERSEMI-MUR610CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1005 MCC-MUR1005 Datasheet
316Kb / 3P
   10 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605 MCC-MUR1605_16 Datasheet
600Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605CT MCC-MUR1605CT_16 Datasheet
425Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com