Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM04S0A0S06NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DCM04S0A0S06NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM04S0A0S06NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DCM04S0A0S06NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 12Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 13Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 14Page - Delta Electronics, Inc. DCM04S0A0S06NFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel.
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
AIR FLOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 36: Wind tunnel test setup
THERMAL CURVES
Figure 37: Temperature measurement location
The allowed maximum hot spot temperature is defined at 107
DCM04S0A0S12 Output Current vs. Ambient Temperature and Air Velocity
@Vin = 5.0V, Vo=3.3V (Airflow From Pin8 To Pin10)
0
3
6
9
12
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
Figure 38: Output current vs. ambient temperature and air
velocity@Vin=5V, Vout=3.3V(Either Orientation)
DCM04S0A0S12 Output Current vs. Ambient Temperature and Air Velocity
@Vin = 3.3V, Vo=2.5V (Airflow From Pin8 To Pin10)
0
3
6
9
12
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
Figure 39: Output current vs. ambient temperature and air
velocity@ Vin=3.3V, Vout=2.5V(Either Orientation)


Similar Part No. - DCM04S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S06NFA DELTA-DCM04S0A0S06NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCM04S0A0S06NFA DELTA-DCM04S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCM04S0A0S06NFA DELTA-DCM04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCM04S0A0S06NFA DELTA-DCM04S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM04S0A0S06NFA DELTA-DCM04S0A0S06NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCM04S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com