Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNM04S0A0S10PFD Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DNM04S0A0S10PFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0S10PFD Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DNM04S0A0S10PFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 9Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 10Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 11Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 12Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_DNM10SIP10_03062009
9
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage
of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module must not exceed
the maximum rated power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the
DNM modules by connecting a resistor, R margin-up, from
the Trim pin to the ground pin for margining-up the output
voltage and by connecting a resistor, Rmargin-down, from the
Trim pin to the output pin for margining-down. Figure 26
shows the circuit configuration for output voltage
margining. If unused, leave the trim pin unconnected. A
calculation tool is available from the evaluation procedure
which computes the values of R margin-up and Rmargin-down
for a specific output voltage and margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 26:
Circuit configuration for output voltage margining
Voltage Tracking
The DNM family was designed for applications that have
output voltage tracking requirements during power-up
and power-down. The devices have a TRACK pin to
implement three types of tracking method: sequential,
simultaneous and ratio-metric. TRACK simplifies the task
of supply voltage tracking in a power system by enabling
modules to track each other, or any external voltage,
during power-up and power-down.
By connecting multiple modules together, customers can
get multiple modules to track their output voltages to the
voltage applied on the TRACK pin.
FEATURE DESCRIPTIONS (CON.)
Table 1 provides Rtrim values required for some common
output voltages, while Table 2 provides value of external
voltage source, Vtrim, for the same common output
voltages. By using a 1% tolerance trim resistor, set point
tolerance of ±2% can be achieved as specified in the
electrical specification.
Table 1
VO (V)
Rtrim (KΩ)
0.7525
Open
1.2
22.464
1.5
13.047
1.8
9.024
2.5
5.009
3.3
3.122
5.0
1.472
Table 2
VO (V)
Vtrim (V)
0.7525
Open
1.2
0.670
1.5
0.650
1.8
0.630
2.5
0.583
3.3
0.530
5.0
0.4167


Similar Part No. - DNM04S0A0S10PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNM04S0A0S10PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com