Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD03D0303A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DD03D0303A
Description  3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DD03D0303A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DD03D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DD03D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DD03D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DD03D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_DD03S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not
damage these modules; however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
NC
-Vout
3
NC
Common
10
-Vout
Common
11
+Vout
+Vout
12
-Vin
-Vin
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Common
22
NC
Common
23
NC
-Vout
24
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Outline
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
12.4g
P3
Bottom View
12
11 12
13
15
23
24
17.78 [0.70]
31.8 [1.25]
2x2.54
[2x0.10]
2.0
[0.08]
14
3
10
22
2x2.54
[2x0.10]
0.50 [0.02]


Similar Part No. - DD03D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD03D0303A DELTA-DD03D0303A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
DD03D0303A DELTA-DD03D0303A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DD03D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com