Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS10S0A0S06NFD Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DNS10S0A0S06NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10S0A0S06NFD Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DNS10S0A0S06NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS10S0A0S06NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS_DNS10SIP06_03092009
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1:
Converter efficiency vs. output current
(0.75V output voltage)
Figure 2:
Converter efficiency vs. output current
(1.2V output voltage)
Figure 3:
Converter efficiency vs. output current
(1.5V output voltage)
Figure 4:
Converter efficiency vs. output current
(1.8V output voltage)
Figure 5:
Converter efficiency vs. output current
(2.5V output voltage)
Figure 6:
Converter efficiency vs. output current
(3.3V output voltage)
74
76
78
80
82
84
86
88
123
456
LOAD (A)
8.3V
12V
14V
65
67
69
71
73
75
77
79
81
83
85
123
456
LOAD (A)
8.3V
12V
14V
76
78
80
82
84
86
88
90
123
456
LOAD (A)
8.3V
12V
14V
76
78
80
82
84
86
88
90
123
456
LOAD (A)
8.3V
12V
14V
80
82
84
86
88
90
92
123
456
LOAD (A)
8.3V
12V
14V
80
82
84
86
88
90
92
94
123
456
LOAD (A)
8.3V
12V
14V


Similar Part No. - DNS10S0A0S06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0S06NFD DELTA-DNS10S0A0S06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0S06NFD DELTA-DNS10S0A0S06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0S06NFD DELTA-DNS10S0A0S06NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0S06NFD DELTA-DNS10S0A0S06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0S06NFD DELTA-DNS10S0A0S06NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNS10S0A0S06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com