Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54160ADRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54160ADRCT
Description  1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54160ADRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54160ADRCT Datasheet HTML 3Page - Texas Instruments TPS54160ADRCT Datasheet HTML 4Page - Texas Instruments TPS54160ADRCT Datasheet HTML 5Page - Texas Instruments TPS54160ADRCT Datasheet HTML 6Page - Texas Instruments TPS54160ADRCT Datasheet HTML 7Page - Texas Instruments TPS54160ADRCT Datasheet HTML 8Page - Texas Instruments TPS54160ADRCT Datasheet HTML 9Page - Texas Instruments TPS54160ADRCT Datasheet HTML 10Page - Texas Instruments TPS54160ADRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
0
500
1000
1500
2000
2500
0
25
50
75
100
125
150
175
200
RT/CLK-Resistance-kW
V =12V,
T =25°C
I
J
0
100
200
300
400
500
200
300
400
500
600
700
800
900
1000
1100
RT/CLK-Resistance-kW
1200
V =12V,
T =25°C
I
J
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
550
570
580
590
600
610
-50
-25
0
25
50
75
100
125
150
560
T -JunctionTemperature-°C
J
V =12V,
RT =200k
I
W
0
125
250
375
500
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
BOOT-PH=3V
BOOT-PH=6V
V =12V
I
0.784
0.792
0.800
0.808
0.816
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
TPS54160A
www.ti.com
SLVSB56A – MAY 2012 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS
ON RESISTANCE vs JUNCTION TEMPERATURE
VOLTAGE REFERENCE vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH CURRENT LIMIT vs JUNCTION TEMPERATURE
SWITCHING FREQUENCY vs JUNCTION TEMPERATURE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs RT/CLK RESISTANCE HIGH
SWITCHING FREQUENCY vs RT/CLK RESISTANCE LOW
FREQUENCY RANGE
FREQUENCY RANGE
Figure 5.
Figure 6.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54160A


Similar Part No. - TPS54160ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160ADRCT TI1-TPS54160ADRCT Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54160ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com