Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNM04S0A0R10NFD Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DNM04S0A0R10NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0R10NFD Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DNM04S0A0R10NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS_DNM10SIP10_03062009
4
ELECTRICAL CHARACTERISTICS CURVES
Figure 7:
Converter efficiency vs. output current
(5.0V output voltage)
Figure 8:
Output ripple & noise at 12Vin, 2.5V/10A out
Figure 9:
Output ripple & noise at 12Vin, 5.0V/10A out
Figure 10:
Turn on delay time at 12vin, 5.0V/10A out
Figure 11:
Turn on delay time at Remote On/Off, 5.0V/10A
out
Vo
Vin
Vo
Remote On/Off
75
80
85
90
95
100
12
345
678
9
10
LOAD (A)
Vin=8.3V
Vin=12V
Vin=13.2V


Similar Part No. - DNM04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNM04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com