Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL01S1205A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DL01S1205A
Description  3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DL01S1205A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DL01S1205A Datasheet HTML 1Page - Delta Electronics, Inc. DL01S1205A Datasheet HTML 2Page - Delta Electronics, Inc. DL01S1205A Datasheet HTML 3Page - Delta Electronics, Inc. DL01S1205A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_DL03S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P2
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±2.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±3.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±1.0
%
Load Regulation
Io=Min. to Max.
---
±0.3
±1.0
%
Ripple & Noise (20MHz)
---
40
75
mV P-P
Transient Recovery Time
---
150
500
µsec
Transient Response Deviation
25% Load Step Change
---
±3
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
300
---
%
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
380
500
pF
Switching Frequency
---
350
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1
Recommended Iput Fuse
24V Input Models
48V Input Models
1000mA Slow-Blow Type
500mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating
Curve)
Natural Convection
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C


Similar Part No. - DL01S1205A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DL0165R FAIRCHILD-DL0165R Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results

Similar Description - DL01S1205A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S DELTA-DF04S Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com