Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC06D0303A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DC06D0303A
Description  2W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DC06D0303A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DC06D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DC06D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DC06D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DC06D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_DC02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20 MHz.
3
All DC/DC converters should be externally fused at the front end for protection.
4
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
+Vin
+Vin
10
No Pin
Common
11
No Pin
Common
12
-Vout
No Pin
13
+Vout
-Vout
15
No Pin
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin pitch tolerance: ±0.25 (0.01)
Physical Outline
Case Size
:
31.8x20.3x10.2mm (1.25x0.8x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
12.4g
P3
Bottom View
1
2
10 11
12
13
15
23
24
20.32 [0.80]
31.8 [1.25]
0.50 [0.02]
5.08
[0.20]
2.0
[0.08]
2.54
[0.10]


Similar Part No. - DC06D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DC06D0303A DELTA-DC06D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DC06D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com