Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNL04S0A0R10NFD Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNL04S0A0R10NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNL04S0A0R10NFD Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNL04S0A0R10NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNL04S0A0R10NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRELIMINARY DATASHEET
DS_DNL10SMD20_07182012
FEATURES
High efficiency: 92% @ 12Vin, 3.3V/20A out
Small size and low profile: (SMD)
33.0x 13.5x 8.8mm (1.30” x 0.53” x 0.35”)
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 5.0Vdc via external resistor
Fixed frequency operation (300KHz)
Input UVLO, output OTP, OCP
Remote ON/OFF
Remote sense
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada), and TUV
(EN60950-1) - pending
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Delphi DNL10, Non-Isolated Point of Load
DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
The Delphi series DNL10, 8.3~14V input, single output, 20A non-isolated
point of load DC/DC converter in surface mounted package is the latest
offering from a world leader in power systems technology and
manufacturing ― Delta Electronics, Inc. The DNL10 series provides a
programmable output voltage from 0.75V to 5.0V through an external
trimming resistor. The DNL10 converters have flexible and programmable
tracking and sequencing features to enable a variety of sequencing and
tracking between several point of load power modules. This product
family is available in a surface mount or SIP package and provides up to
20A of output current in an industry standard footprint and pinout. With
creative design technology and optimization of component placement,
these converters possess outstanding electrical and thermal performance
and extremely high reliability under highly stressful operating conditions.


Similar Part No. - DNL04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0R10NFD DELTA-DNL04S0A0R10NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R10NFD DELTA-DNL04S0A0R10NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNL04S0A0R10NFD DELTA-DNL04S0A0R10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL04S0A0R10NFD DELTA-DNL04S0A0R10NFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0R10NFD DELTA-DNL04S0A0R10NFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results

Similar Description - DNL04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com